Part Number Hot Search : 
AR340S29 3244AP CLL4735A 754607 Q8008DH4 MAJ160 MMBZ5237 74LS15
Product Description
Full Text Search
 

To Download MAIA-007100-0001TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MADR-007131-000100
Dual Linear Driver for Vector Modulators
Rev. V2
Features
* Linearizes M/A-COM's PIN Diode Vector Modulators Over a 360 Phase Range * Dual Channels Allow One Driver per Vector Modulator * Guaranteed Minimum Output Currents of 20 mA * Operates with a Single Supply Voltage of +5V * Low Quiescent Currents * Single Control Voltage for Each Channel * 6 x 4 mm Chip Scale Package * Test Boards with Vector Modulators are Available * Tape and Reel Packaging Available * Lead-Free PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * 260C Reflow Compatible * RoHS* Compliant Version of MADRCC0002
Circuit Description:
(Reference Figures 1, 2 and 3) Note that this is a dual driver. Only the top circuit will be described, because the bottom circuit is identical. The input divider, R1 and the sum of R2 and R3, sets the overall transfer function of the circuit. To increase the transfer function, decrease the Control Voltage and the value of R1. Temperature compensation is a function of the temperature coefficient of the thermistor, R3, and the ratio of R2 to R3, and can only be optimized once the transfer function and linearity component values have been established. Varying the value of R4 will optimize the linearity of the VVA. One can achieve a more linear transfer function by driving the attenuator over a smaller portion of its dynamic range. Note that when the vector modulators called out in Table 1 are driven with the dual linearizer, both amplitude and phase are affected, which makes it hard to define linearity. The individual transfer function of each voltage variable attenuator in the vector modulator (See Figure 2 for the block diagram) is linearized as a function of voltage. The two VVAs in the block diagram are the quad hybrids that are terminated by two PIN diodes. See Figure 3 for the transfer function of the MAIA-007150-000100 vector modulator (phase and attenuation vs. control voltages).
Description
M/A-COM's MADR-007131-000100 is a dual, break point free driver that produces a logarithmic output current suitable for linearizing PIN diode based vector modulators. This driver, in conjunction with the external components, as defined in Figure 1, produces a linearized transfer function between the input control voltage of the driver and the attenuation / phase output of the vector modulator. The MADR-007131-000100 has been optimized for linearizing M/A-COM's Vector Modulators (see Table 1), but will function well with most types of cathode grounded vector modulators. The driver is packaged in a 6 x 4 mm Chip Scale Package for commercial SMT applications. A typical schematic for a dual linearizer driving a vector modulator is shown in Figure 1.
Ordering Information
Part Number
MADR-007131-000100 MADR-007131-0001TR MAIA-007099-0001TB
Package
Bulk Packaging Tape & Reel (1K Reel) Test Board with Circuit per Figure 1 (MAIA-007099-000100, GSM Vector Modulator) Test Board with Circuit per Figure 1 (MAIA-007100-000100, PCS Vector Modulator) Test Board with Circuit per Figure 1 (MAIA-007150-000100, UMTS Vector Modulator
MAIA-007100-0001TB
MAIA-007150-0001TB
Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-007131-000100
Dual Linear Driver for Vector Modulators
Rev. V2
Electrical Specifications: TA = 25C, Z0 = 50, Reference Figure 1 (Each Circuit)
Parameter
Output Drive Current +VCC Supply Range IN, REF Voltage +VCC Quiescent Current Settling Time
Test Conditions
Vcontrol = VCC -- -- No Load 50% Ctl to 90%/10% RF
Units
mA V V A S
Min
20 4.5 0 -- --
Typ
-- 5.0 -- 50 25
Max
-- 5.5 VCC 70 --
Figure 1
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-007131-000100
Dual Linear Driver for Vector Modulators
Rev. V2
Table 1. Inductor Selection for M/A-COM Vector Modulators
Vector Modulator
MAIA-007099-000100 MAIA-007100-000100 MAIA-007150-000100
Frequency Range (MHz)
925-960 (GSM) 1930-1990 (PCS) 2040-2240 (UMTS)
Coil Craft P/N L1 - L4
0603CS-68NXJBC 0603CS-27NXJBC 0603CS-27NXJBC
Description of L1 - L4
Inductor, 68 nH, 5% Inductor, 27 nH, 5% Inductor, 27 nH, 5%
Resistor Values R2, R6
270 Ohms 360 Ohms 270 Ohms
Thermistor Quality Values Thermistor R3, R7 P/N for R3, R7
750 Ohms 680 Ohms 750 Ohms QT0805-751K QT0805-681K QT0805-751K
Recommended PCB Configuration
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-007131-000100
Dual Linear Driver for Vector Modulators
Rev. V2
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Function
NC IN B NC REF B NC REF B NC REF B OUT B NC Vcc NC NC OUT A REF A NC
Pin No.
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Function
REF A NC REF A NC IN A NC NC NC NC NC NC GND NC NC NC NC
Absolute Maximum Ratings 1,2
Parameter
+VCC IN A, IN B REF A, REF B Output Short Circuit Duration3 Operating Temperature Storage Temperature Package Power Dissipation Control Voltage Lead Temperature
Absolute Maximum
+20 V -0.5V < Input < Vcc +0.5V -0.5V < Input < Vcc +0.5V Continuous -40C to +85C -65C to +125C 150 mW 300C for 10 seconds
The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages)
Handling Procedures
Please observe the following precautions to avoid damage:
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits. 3. Additional heat sinking may be required for a continuous output short circuit to ground, to keep the junction temperature of the amplifier below 150C.
Static Sensitivity
Silicon Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-007131-000100
Dual Linear Driver for Vector Modulators
Rev. V2
Lead-Free 4x6 mm, 32-lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-007131-000100
Dual Linear Driver for Vector Modulators
Rev. V2
Figure 3A - Phase and Attenuation of MAIA-007150-000100, Vector Modulator Linearized with MADR-007131-000100 Linearizer 3,4,5,6
(y) 90
45
bias 1 = 0.0V 0.5V 1.0V
bias 2 = 5.0V 3.5V 3.0V 2.5V 2.0V 1.5V 1.0V 0.5V bias 2 = 0.0V
(x) 0
1.5V 2.0V 2.5V 3.0V 3.5V bias 1 = 5.0V
Figure 3B
bias 1 = 0V bias 2 = +5V bias 1 = 0V bias 2 = 0V (y) 90
45
Loss = 22 dB Loss = 17 dB Loss = 12 dB
(x) 0 bias 1 = +5V bias 2 = +5V
bias 1 = +5V bias 2 = 0V
Reflection coefficient = 0.5
3. 4. 5. 6. 6
Tic marks on x,y axes refer to reflection coefficient in increments of 0.1V. Reflection coefficients vary from -0.5 to +0.5 on both the x and y axes. Data is for vector modulators driven by linearizers per attached schematic. Inputs to the linearizers vary from 0 to 5V. The phase with the inputs to both linearizers set to +5V is arbitrarily called zero degrees.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-007131-000100
Dual Linear Driver for Vector Modulators
Rev. V2
Figure 2--Block Diagram Vector Modulator
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAIA-007100-0001TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X